Part Number Hot Search : 
NLAS4157 HE574 400000 CMLM0205 MC162 SD1040CT LT1168 D1012UK
Product Description
Full Text Search
 

To Download F1427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. TM "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
Total Device Dissipation 440 Watts Junction to Case Thermal Resistance 0.4 o C/W Maximum Junction Temperature 200 o C Storage Temperature
F1427
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 250 Watts Gemini Package Style AR HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
DC Drain Current Drain to Gate Voltage 150 V Drain to Source Voltage 150 V Gate to Source Voltage 30V
-65 o C to 150o C
10 A
RF CHARACTERISTICS ( 250 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficienc Load Mismatch Toleranc MIN 13 65 20:1 TYP MAX UNITS dB % Relative TEST CONDITIONS Idq = 1.2 A, Vds = 50.0 V, F = 150 MHz Idq = 1.2 A, Vds = 50.0 V, F = 150 MHz Idq = 1.2 A, Vds = 50.0 V, F = 150 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 4.8 0.25 28.8 270 13.2 120 MIN 125 12 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.1 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 50.0 V, Vds = 0 V, Ids = 0.15 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 12 A Vgs = 20V, Vds = 10V Vds = 50.0 V, Vgs = 0V, F = 1 MHz Vds = 50.0 V, Vgs = 0V, F = 1 MHz Vds = 50.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1427
POUT VS PIN GRAPH CAPACITANCE VS VOLTAGE
F1E 6 DICE CAPACITANCE
1000
Ciss
100
Coss Crss
10 0 5 10 15 20 25 30 35 40 45 50
VDS IN VOLTS
IV CURVE
F E6D IV 1 ICE
30 25 20 15 10 5 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 V SINV L S D OT vg=8v 14 vg=10v 16 18 vg=12v 20
ID AND GM VS VGS
F1E 6 DICE ID & GM Vs VG
100.00
Id in amps; Gm in mhos
ID IN AMPS
10.00
Id
1.00
gM
0.10
0
2
4
6
8
10
12
14
16
18
20
Vg=6v
Vgs in Volts
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X